PART |
Description |
Maker |
FNQ-R-25 FNQ-R-15 |
Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm Cartridge Fuse; Current Rating:15A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Body Material:Melamine; Diameter:0.406mm; Fuse Terminals:Ferrule; Length:38.1mm; Series:FNQ-R
|
COOPER INDUSTRIES
|
BC868 BC868-25 BC868/T1 |
NPN medium power transistor Leaded Cartridge Fuse; Current Rating:100mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes
|
NXP Semiconductors Philips Semiconductors
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
Z85C30-10BUA Z85C30-10DC Z85C30-10BQA AM85C30-8/BQ |
16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 RoHS Compliant: Yes ATMEGA644V-10PU & AT86RF230-ZU(AVRZLINK) Communications Controller 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 通信控制 16MHZ, TQFP, IND TEMP, 5V(MCU AVR) 通信控制 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制
|
Advanced Micro Devices, Inc. Amphenol, Corp. Electronic Theatre Controls, Inc.
|
EVM31-050A 2DI75D-050A 1DI240A-055 EVK31-050 2DI75 |
BIPOLAR TRANSISTOR MODULES Rating and Specifications 双极型晶体管模块等级和规 FUSE, QUICK BLOW 1.25A;; Current, fuse rating:1.25A; Fuse size code:20 x 5mm; Fuse type, blowing characteristic:Quick Blow; Material, case:Glass; Voltage rating, AC:250V; Approval Bodies:IEC127, BS4265, BSI, VDE, SEMKO, UL; Current, INDUCTOR PWR SHIELDED 68UH SMD CIRCUIT BREAKER HORZ PCB .5A Illuminated pushbutton switch with positive tactile response
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
2010.0013 |
Miniature Telecom fuse available in 10 piece blisterTape; Voltage Rating: 250V; Current Rating: 0.4A; Characteristic: TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), INLINE/HOLDER
|
SCHURTER AG
|
PFRA.017 PFRA.020 PFRA.025 PFRA.030 PFRA.050 PFRA. |
Radial Leaded Fuse, PTC, 60 VDC Miniature PCB PTC-fuses; for electronic devices; Voltage Rating: 60V; Current Rating: 0.5A; Characteristic: Time Lag RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Schurter Inc. SCHURTER AG
|
CY7C1380BV25-150BGC CY7C1382BV25-133BGC CY7C1382BV |
512K x 36 / 1 Mb x 18 Pipelined SRAM FUSE, FAST ACTING, 250MA; Current, fuse rating:250mA; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, SEMKO, UL, VDE; Current, breaking capacity AC:35A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse RoHS Compliant: Yes FUSE, FAST ACTING, 5A; Current, fuse rating:5A; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, UL; Current, breaking capacity AC:50A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse type, blowing RoHS Compliant: Yes FUSE, TIME DELAY, 100MA; Current, fuse rating:100mA; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, SEMKO, UL, VDE; Current, breaking capacity AC:35A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse RoHS Compliant: Yes FUSE, FAST ACTING, 500MA; Current, fuse rating:500mA; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, SEMKO, UL, VDE; Current, breaking capacity AC:35A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse RoHS Compliant: Yes FUSE, FAST ACTING, 2A; Current, fuse rating:2A; Case style:Radial; Voltage rating, AC:250V; Approval Bodies:CSA, IEC60127-3, SEMKO, UL, VDE; Current, breaking capacity AC:35A; Diameter, body:8.4mm; Diameter, lead:0.6mm; Fuse type, RoHS Compliant: Yes
|
Cypress Semiconductor Corp.
|
PIC18LC442-E/JW PIC18C442-E/JW PIC18C452-E/L PIC18 |
Fuse, Current Rating Of Fuse 3Ampere, RMS Voltage Rating AC 250 Volt Fuse, Current Rating Of Fuse 500mA, RMS Voltage Rating AC 250 Volt Fuse, Current Rating Of Fuse 5 Ampere, RMS Voltage Rating AC 250 Volt Hex Buffer with Enable; Package: SOEIAJ-16; No of Pins: 16; Qty per Container: 50 BBG ECL BUFR W ENABLE HEX; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 366 HEAD & 300 VISE WIRE MANAGER FOR 366 OR 376 JAWS Hex Buffer with Enable; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 BBG ECL BUFR W ENABLE HEX; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 Hex Inverter with Enable; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 Dual 4-5-Input OR/NOR; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 High-Performance Microcontrollers with 10-Bit A/D 高性能微控制器0A / D High-Performance Microcontrollers with 10-Bit A/D 高性能微控制器0位A / D Busss Heat Limiter Class T 高性能微控制器0A / D
|
Microchip Technology Inc. Microchip Technology, Inc.
|
|